PART |
Description |
Maker |
LAL02TB151K LAN02TAR18K LAL03TB470K LAN02Z271J LAL |
Extremely reliable inductors that are ideal for automatic insertion. AXIAL LEADED INDUCTORS
|
Taiyo Yuden (U.S.A.), Inc List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
8405-681 8405-680 8405-68G 8405-XXX 8405-33G 8405- |
Inductors Surface Mount Drum Core Power Inductors 鼓表面贴装电感磁芯功率电感器
|
Filtran Ltd. Filtran, Ltd.
|
ELJPAR22DF ELJPAR22JF ELJPAR22KF ELJPAR22MF ELJPC6 |
High Power Type PF, PE, PC, PA, PB Fixed Inductors (Chip Inductors)
|
Panasonic Semiconductor
|
8403-330 8403-331 8403-XXX 8403-150 8403-471 8403- |
Inductors Surface Mount Drum Core Power Inductors
|
Filtran Ltd.
|
8404-100 8404-22G 8404-330 8404-XXX 8404-331 8404- |
Inductors Surface Mount Drum Core Power Inductors
|
FILTRAN[Filtran LTD]
|
0603HP-16NXL 0603HP-R20XGLW 0603HP-R20X-L- 0603HP- |
Higher Q and lower DCR than other 0603 inductors, Highest SRF values ?as high as 16 GHz Chip Inductors - 0603HP Series
|
Coilcraft lnc.
|
ELJFQF12NJF ELJFQF6N8JF ELJFQF10NJF ELJFQF15NJF EL |
Fixed Inductors (Chip Inductors)
|
Panasonic Semiconductor
|
8401-XXX 8401-010 8401-014 8401-018 8401-680 8401- |
Inductors SMT Power Inductors
|
FILTRAN[Filtran LTD]
|
ELJSC270 ELJ-SA121KF ELJSC470 ELJSC560 ELJSC680 EL |
Fixed Inductors (Chip Inductors)
|
Panasonic Semiconductor
|
RX9PNP-152J-35 RX9PNP-122J-35 RX9PNP-102J-35 RX9PN |
1 ELEMENT, 3900 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS Pin Type: RX Series POWER INDUCTORS < Pin Type: RX Series> POWER INDUCTORS , Pin Type: RX Series
|
Sumida Corporation
|
ELJFC820KF ELJFC680KF ELJFC680F ELJFAR39F2 ELJFAR2 |
General Use FC, FA, FB General use wire wound, resin molded chip inductor. Fixed Inductors Chip Inductors Fixed Inductors (Chip Inductors) General use wire wound, resin molded chip inductor. Fixed Inductors (Chip Inductors)
|
Panasonic Semiconductor
|
1410454 1410460 1410478 1410516 1410517 1410524 14 |
Bobbin Type Inductors SPACER,.25L,.125 O.D,.047 I.D. Unshielded Surface Mount Inductors 1 ELEMENT, 15000 uH, GENERAL PURPOSE INDUCTOR LED MOUNT, RIGHT ANGLE 2 LEAD FOR T 1-3/4 NYLON NATURAL 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR LED MOUNT, RIGHT ANGLE 2 LEAD FOR T 1-3/4 NYLON NATURAL 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 22000 uH, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR CAP 2.2UF 450V FILM BOX TYPE 10% 1 ELEMENT, 6800 uH, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 6800 uH, GENERAL PURPOSE INDUCTOR LED MOUNT, T1-3/4, FLUSH MNT, NYLON, NATURAL COLOR SPACER,NYLON ROUND
|
C&D TECHNOLOGIES INC CANDD[C&D Technologies]
|